Part Number Hot Search : 
024PP 5KE120A LTC1864 5KE120A P5401 2SA129 CM2801 024PP
Product Description
Full Text Search
 

To Download R05SDH05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EUROLINE - DC/DC-Converter
RxxSDHxx Series, 1 Watt, SMD, 3kVDC Isolation (Dual Output) Features
Wide Temperature Performance at full 1 Watt Load, -40C to +85C 3kVDC Isolation Efficiency to 82% Selection Guide 5V and 12V input types
Part Number Voltage R05SDH05 R05SDH09 R05SDH12 R05SDH15 R12SDH05 R12SDH09 R12SDH12 R12SDH15 Nom. Input Voltage (VDC) 5 5 5 5 12 12 12 12

UL 94V-O Package Material Internal SMD Construction MTTF up to 2.1 Million Hours Multi Layer Ceramic Capacitors
Rated Output Voltage (VDC) 5 9 12 15 5 9 12 15
Rated Output Current (mA) 100 55 42 33 100 55 42 33
Input Current at Rated Load (mA) 282 260 253 250 114 105 104 101
Efficiency (%) 71 77 79 80 73 79 80 82
Isolation Capacitance (pF) 33 38 44 43 50 72 89 100
Package Style
SMD 22Pin
Absolute Maximum Ratings
Input Voltage VIN Short Circuit Duration 1) Internal Power Dissipation Lead Temperature (1.5 mm from case for 10 seconds)
1).
5V types 12V types
7V 15V 1s 550mW 300 C
Supply voltage must be discontinued at the end of the short circuit duration.
Electrical Specifications (measured at TA = 25C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range VIN (continuous operation) Reflected Ripple Current (depending on the type) Voltage Set Point Accuracy (depending on the type) Line Regulation (depending on the type) Load Voltage Regulation (10% load to rated load) (12V input types have typically 3% less load regulation change) 5V output types 9V output types 12V output types 15V output types 5V input types 12V input types 4.5VDC min. / 5.5VDC max. 10.8VDC min. / 13.2VDC max. 41 mA p-p min. to 47 mA p-p max. See Tolerance Envelope 1.0% / 1.2% of VIN 10% min. / 12% max. 6.5% min. / 8.0% max. 6.0% min. / 8.5% max. 6.0% min. / 7.0% max. 40mVp-p min. / 75mVp-p max. 3000VDC min. 3000 Vpk min. 10 G min. VIN all types 115kHz nom. 1.53 g -40C min. to +85C max. (see graph) -55C min. +125C max. 5V output types all other types -40C +25C +85C +46C nom. +35C nom. 184kHrs min. / 2068kHrs max. 154kHrs min. / 1697kHrs max. 129kHrs min. / 1368kHrs max.
Ripple & Noise (20MHz band limited), (depending on the type) Isolation Voltage (for 1 minute) Test Voltage (50Hz, 10 seconds) Resistance (Viso = 1000V) Switching Frequency at Full Load (depending on the type) Package Weight Operating Temperature Range (all output types) Storage Temperature Range Case Temperature above Ambient MTTF 2) (depending on the type)
2).
Calculated using MIL-HDBK-217F with nominal input voltage at full load.
Please contact us, if you need exact parameters for the converter you have selected..
EU 20
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxSDHxx Series, 1 Watt, SMD, 3kVDC Isolation (Dual Output) Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R05SDHxx
80 0512, 0515 Deviation from Nominal (%) 60 0505 40 0509 +25 +20 +15 +10 0509 0 -5 -10 0 20 40 0505 60 80 100 0512 Output Voltage +5 0515
Tolerance Envelope
+10% +5% V Nom.
Typical Lo ad Line
+2,5% - 2,5% - 7,5%
Efficiency (%)
20
0
20
40
60
80
100
10%
50%
100%
Total Output Current (%)
Total Output Current (%)
Output Load Current (%)
R12SDHxx
80 60 40 1212, 1215 1209 1205 Deviation from Nominal (%) +25 +20 +15 +10 +5 0 -5 -10 0 20 40 60 80 100 Total Output Current (%) 1215 1212 1209 1205
Temperature Derating Graph
2.0 Output Power (Watts) 1.5 1.0 0.5 0 -40
Safe Operating Area
Efficiency (%)
20
0
50
100 85
150
0
20
40
60
80
100
Total Output Current (%)
Ambient Temperature C
Package Style and Pinning (mm)
10 Pin SMD Package Style
NC 10 12 GND VCC +V 7
Recommended Footprint Details
1.20
Top View
45 0V -V
10.30
1.80
10.16
15.24 7.62 Detail A 11.30 8.20
RxxSDHxx RECOM ****
Reference Plane 0.55 1.00
0.50 5
2.54
15.24 14.70 5.40 1.65 10.16 0.20 1.55
8.20 7.90 Detail A
7.40
0.25 0.05
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
EU 21


▲Up To Search▲   

 
Price & Availability of R05SDH05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X